PART |
Description |
Maker |
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
CPR1-120LEADFREE CPR1-080LEADFREE CPR1-100LEADFREE |
1 A, 1200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 1000 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN
|
Central Semiconductor, Corp.
|
1N347 1N256 1N2029 1N2370 1N1342B 1N338 |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 600 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE 1 A, 2000 V, SILICON, SIGNAL DIODE 6 A, 100 V, SILICON, RECTIFIER DIODE
|
|
BYD33DGP-HE3 BYD33GGP-E3 |
DIODE 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL, LEAD FREE, PLASTIC, DO-41, 2 PIN, Signal Diode 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Semiconductors
|
BYW27-200TR BYW27-1000TR BYW27-100TR BYW27-400AMP |
1 A, 200 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 100 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 400 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2
|
Vishay Beyschlag TE Connectivity, Ltd. TOKO, Inc.
|
SHF114S RH0111G RH0111G-15 |
1 A, 400 V, SILICON, SIGNAL DIODE Hyper Fast Rectifier
|
SOLID STATE DEVICES INC Solid States Devices, I...
|
SF2-W SF4-HF-W |
1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 400 V, SILICON, SIGNAL DIODE
|
RECTRON LTD
|
RL205M12 1N5395M12 1A6-J RL1N4001-N RECTRONLTD-1A1 |
2 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 800 V, SILICON, SIGNAL DIODE 1 A, 50 V, SILICON, SIGNAL DIODE 2.5 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD
|
JANTXVSSM1100HE JANTXSSM340S3 |
0.75 A, 1000 V, SILICON, SIGNAL DIODE 3 A, 400 V, SILICON, RECTIFIER DIODE
|
SENSITRON SEMICONDUCTOR
|
KSA1625KTA KSA1625KBU |
PNP Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
RS1X-13-F RS1GB-13-F RS1J-13-F RS1D-13-F RS1K-13-F |
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMB 3K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 600V 30A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1 A, 600 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 200V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 200 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir SMA 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir SMA 5K/REEL-13 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
|
Diodes Incorporated Diodes, Inc.
|
|